Part Number Hot Search : 
SP200 ITSX93C 00140 TIC256 1N3701B C4885 2N3644 CX9SM
Product Description
Full Text Search
 

To Download LM32019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
LM32019T
Features
n n 14 cm [5.7"] QVGA format Blue mode display n n
Medium Size Graphic Type LCD Module
High brightness (100 cd/m2) Mechanically compatible with LM32019P
Specifications
Parameter
Display size Dot format (H x V) Dot pitch (H x V) Active area (H x V) Panel type Panel mode Color Contrast ratio Response time 14 [5.7] 320 x 240 0.36 x 0.36 115.2 x 86.4 BSTN Transmissive Blue 6:1 - [400]
Unit
cm [ "] dot mm mm color ms
Parameter
Brightness 100 Duty ratio 1/240 Backlight type 1CCFT(E) Power consumption panel 82 Backlight 1 400 Outline dimensions (W x H x D) 160.0(166.0) x 109.0 x 7.5 Weight 160 Operating temperature 0 to +45 Storage temperature -25 to +60
Unit
cd/m2 mW mW mm g C C
Outline Dimensions
45 11.3 68.2 10.615 7.5 166 151.7 160
unit : mm
0.36P 0.33
3.75
47
321
ACTIVE AREA (115.17X86.37) BEZEL OPENING CENTER LINE PIN1
8
0.36P 0.33 46.3 91.6
CN1 PIN12 BEZEL OPENING AREA
2.8
CN2 BHR-03VS-1(JST)
109 101.5
28.2
121
3.8
3- 3
7.5 39
7.5
8
13.75 (1.25PX12)
16.25
15
100


▲Up To Search▲   

 
Price & Availability of LM32019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X